PART |
Description |
Maker |
E0C63P366 |
CMOS 4-Bit Low Voltage Singl Single Chip Microcomputer Composed of 4-Bit E0C63000 Core CPU,RAM,Rewritable ROM,Segment LCD Driver,On-Board Writing
|
爱普生(中国)有限公
|
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
IRFR6215PBF IRFU6215PBF IRFR6215TR IRFR6215TRL IRF |
Advanced Process Technology HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 13 A, 150 V, 0.295 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA 175°C Operating Temperature
|
International Rectifier
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IXTA10N60P IXTP10N60P IXTI10N60P |
MOSFET N-CH 600V 10A D2-PAK 10 A, 600 V, 0.74 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
Infineon Technologies AG IXYS CORP IXYS Corporation
|
IRL7833LPBF IRL7833PBF IRL7833SPBF IRL7833STRLPBF |
75 A, 30 V, 0.0038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB HEXFET?Power MOSFET HEXFET㈢Power MOSFET
|
International Rectifier
|
IRFPS40N50LPBF |
46 A, 500 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-274AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
IRFP340 IRFP340PBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A) 功率MOSFET(减振钢板基本\u003d00V,的Rdson)\u003d 0.55ohm,身份证\u003d 11A条) 11 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFL4105 IRFL4105TR |
3.7 A, 55 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A) 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF7103Q IRF7103QTR IRF7103QN |
N-channel power MOSFET for anti-lock braking systems applications, 50V, 3A TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 50V V(BR)DSS | 3A I(D) | SO Power MOSFET(Vdss=50V) 50V Dual N-Channel HEXFET Power MOSFET in a SO-8 package 50V Single DUAL-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
NTD110N02R NTD110N02RG NTD110N02RT4 NTD110N02RT4G |
Power MOSFET 12.5 A, 24 V, 0.0062 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 110 Amps, 24 volts, N-channel, DPAK
|
ONSEMI[ON Semiconductor]
|
|